PART |
Description |
Maker |
P89LPC925FDH P89LPC924FDH P89LPC925FN P89LPC925 P8 |
P89LPC924/925; 8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter (P89LPC924 / P89LPC925) 8-bit microcontrollers
|
NXP Semiconductors Philips Semiconductors
|
PIC18F1330 |
High-Performance Microcontrollers with 10-bit A/D and nanoWatt Technology 8-bit PIC庐 Microcontrollers
|
Microchip Technology Microchip Technology, Inc.
|
C505CAROM/ROMLESSTYPES SAK-C505A-2RM SAB-C505A-4RM |
8-bit Microcontroller with Complete CAN Capability 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (16MHz)
|
Infineon
|
MB90F351EPMC MB90351EPMC MB90351ES MB90F351ES MB90 |
16-bit Microcontrollers Industrial Transceivers; Package: PG-DSO-8; Transmission rate<sub>max</sub>: 1.0 Mbit/s; Bus Wake-up capability: No; Additional Features: RM, INH; Wake-up inputs: No; Standards: ISO11898-2 16-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP64 16-bit Proprietary Microcontrollers 16-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP64
|
Fujitsu Component Limit... Fujitsu Component Limited. http:// Fujitsu, Ltd.
|
PCA80C31BH3-16P PCA80C31BH3-16WP PCB80C51BH-5H PCB |
10/100/1000 SECURE TERMNLSERV 8 PT RS232 RJ SFP/1250 EXT DIAGNOSTIC MM-850-LC, 500M, KPT45492-182 KPT07A12-10SW with pc contacts CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 12 MHz, MICROCONTROLLER, CDIP40
|
http:// Philips Semiconductors NXP Semiconductors N.V.
|
M68HC11CPU MC68B50 MC6802 |
8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS Single?Chip
Microcontrollers Single-Chip Microcontrollers (AMCU)
|
MOTOROLA[Motorola, Inc]
|
PIC18F8722 PIC18F6527 PIC18LF6627EPTQTP PIC18LF662 |
64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology 8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
|
Microchip Technology, Inc.
|
SABC165-L25F SABC165-L25FCA SABC165-L25FHA SABC165 |
16-Bit Microcontrollers - 16-Bit microcontroller (25MHz) 16-Bit Microcontrollers - 16-Bit microcontroller (20 Mhz)
|
Infineon
|
PD78F4225GC PD78F4225GK PD78215GF PD78215GC |
16 Bit General-Purpose Microcontrollers(16通用微控制器) 16 Bit General-Purpose Microcontrollers(16位通用微控制器) 16位通用微控制器16位通用微控制器
|
NEC Corp. NEC, Corp.
|
PIC24HJ128GP206A PIC24HJ128GP310A PIC24HJ128GP210A |
16-bit Microcontrollers (up to 256 KB Flash and 16 KB SRAM) with Advanced Analog 16-bit Microcontrollers with Advanced Analog
|
Microchip Technology
|
GMS81C2112 GMS81C2112K GMS81C2112Q GMS81C2120K GMS |
HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS 8-BIT, MROM, 8 MHz, MICROCONTROLLER, PDIP40 HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS 8-BIT, MROM, 8 MHz, MICROCONTROLLER, PDIP42 HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS 8-BIT, MROM, 8 MHz, MICROCONTROLLER, PQFP44 HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP42
|
Hynix Semiconductor, Inc.
|
MC9S08AW60CFUE S9S08AW16 S9S08AW60 MC9S08AW60CPUE |
8-Bit HCS08 Central Processor Unit (CPU) Microcontrollers MC9S08AW60 Features Microcontrollers
|
Freescale Semiconductor, In... Freescale Semiconductor, Inc Freescale Semiconductor...
|